Part Number Hot Search : 
75452N P2012DZ NC303SOT HS2155 KA2198 TM128 05ZXPF 473ML
Product Description
Full Text Search
 

To Download SDR1006TTEB100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fixed high-frequency inductors type sdr1006 (smd power chokes) 1. scope this specification applies to smd type choke coil sdr1006 produced by koa speer electronics, inc. 2. dimensions item materials (1) core: ferrite dr. core (2) winding wire: enameled copper wire (3) terminal electrode: ag + sn/pb 4. structure ss-202 r5 aha 6/30/06 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. page 1 of 4 koa speer electronics, inc. 3. type designation the type designation shall be in the following form: size tolerance nominal inductance 1006 k: ?0% m: ?0% 100: 10? 101: 100? 1006 m 100 packaging teb: 13" embossed plastic (1006: 800 pieces/reel) teb termination material t: sn (other termination styles available, contact factory for options) t sdr type b a f magnet wire electrode ceramic substrate a b f (typ.) dimensions inches (mm) .374?012 (9.5?.3) .217?012 (5.5?.3) .114 (2.9) 1006 size 5. pcb pattern b a c abc dimensions inches (mm) .39 (10.0) .11 (2.8) .39 (10.0) 1006 size certified certified
8. rating 6. test condition unless otherwise specified, the test shall be performed at the temperature of 15 ~ 35? and the humidity of 25 ~ 85% specified in jis-c-5001. if there is any question about the results, the test shall be performed at the temperature of 20 2 ? and the humidity of 65 5%. if there is any question about measurement of absolute, the inductance shall be measured by lcr-meter without using its jig. 7. symbol of nominal inductance & tolerance (a) when we indicate the nominal inductance by numerals, the unit shall be h and indicated by 3 numerals. the first 2-digits mean significant figures and the last digit means numbers of ?ero? the decimal points shall be indicated by ?? which are all significant figures. example: 1r0. . . . . . . . . 1 h 100 . . . . . . . . 10 h 470. . . . . . . . . 47 h 101 . . . . . . . 100 h 221 . . . . . . . 220 h 820. . . . . . . . 820 h (b) the tolerance of nominal inductance shall be k ( 10%), m ( 20%), y ( 15%), which will be indicated after figures of inductance. ss-202 r5 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. page 2 of 4 koa speer electronics, inc. part designation nominal inductance l (h) @ 1khz dc resistance maximum ( ? ) allowable dc current maximum (amps) operating temperature range storage temperature range inductance tolerance 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 0.06 0.07 0.08 0.09 0.10 0.11 0.12 0.14 0.17 0.19 0.22 0.25 0.35 0.40 0.47 2.60 2.45 -40? to +85? -40? to +105? 2.25 2.15 1.95 1.75 1.50 1.35 1.25 1.15 1.10 1.00 0.97 0.89 0.78 sdr1006tteb100m sdr1006tteb120m sdr1006tteb150m sdr1006tteb180m sdr1006tteb220m sdr1006tteb270m sdr1006tteb330k sdr1006tteb390k sdr1006tteb470k sdr1006tteb560k sdr1006tteb680k sdr1006tteb820k sdr1006tteb101k sdr1006tteb121k sdr1006tteb151k m: ?0% k: ?0% 180 220 0.63 0.73 0.72 0.66 sdr1006tteb181k sdr1006tteb221k 270 330 390 470 560 680 820 0.97 1.15 1.30 1.48 1.90 2.25 2.55 0.57 0.52 0.48 0.42 0.33 0.28 0.24 sdr1006tteb271k sdr1006tteb331k sdr1006tteb391k sdr1006tteb471k sdr1006tteb561k sdr1006tteb681k sdr1006tteb821k
item performance test method (jis c 5321) body strength no damage load 1kg. for 10 seconds r: the top of loading stick l: slot-width sdr1006: .236" (6.0 mm) resistance to change of to put the sample on paper phenolic resin laminate base and to vibrate vibration inductance: ?% at the frequency of 10-55-10 hz for each x, y, z direction for 2 hours and to sweep it at a full vibration width .059" (1.5mm) for 1 minute. resistance to no remarkable to immerse into solder bath of 260 5 ? for 10 1 seconds. soldering visual damage solderability the electrode to immerse for 3 0.5 seconds at 235 5 ? shall be covered with new solder 9. mechanical performance 1r l item performance test method (jis c 5321) resistance to change of to leave in a bath at -40 2 ? for 1,000 hours. cold inductance: ?0% temperature change of to keep at -25? ~ 85? for 30 minutes in 5 cycles and leave for cycling inductance: ?0% 10 ~ 15 minutes in normal temperature at the time of transition between low temperatures and high temperatures resistance to change of to leave in a bath at 85 2 ? for 2 hours. heat inductance: ?0% (resistance to heat of ferrite core: 120?) t. c. r change of 20? shall be standard and change of inductance shall be measured inductance: ?% at -25? ~ 85?. resistance to change of temperature: 60 2 ? damp inductance: ?0% humidity: 90 ~ 95% (steady state) test hours: 1,000 hours endurance change of temperature: 40 2 ? (under damp inductance: ?0% humidity: 90 ~ 95% and load) to supply allowable current for 1,000 hours continually endurance change of temperature: 85 2 ? (under high inductance: ?0% to supply allowable current for 1,000 hours temperature) 10. environmental tests ss-202 r5 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. page 3 of 4 koa speer electronics, inc.
sdr1006 packaging carrier tape reels type a b c g n t 1006 12.98 .944 .511 .02 1.02 1.97 1.24 (330) (24 1) (13 0.5) (26) (50 min.) (31.5) materials: paper plastics dimensions in inches (mm) a b ? .079 (2.0 0.5) ? g n t embossed carrier thickness .004 (0.1 max.) embossed cavity a b * .014 (t=0.35) cover tape end .157 (4.0) start c no component component user direction of feed no component 7.86 (200) ** strength of cover tape: the force for tearing off cover tape is 10 to 130 grams in the arrow direction. top cover tape base tape 165 to 180 ss-202 r5 bolivar drive p.o. box 547 bradford, pa 16701 usa 814-362-5536 fax 814-362-8883 www.koaspeer.com specifications given herein may be changed at any time without prior notice. please confirm technical specifications before you order and/or use. page 4 of 4 koa speer electronics, inc. abc dimensions inches (mm) .944 (24) .26 (6.7) .114 (12) 1006 size


▲Up To Search▲   

 
Price & Availability of SDR1006TTEB100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X